Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EA1050G-12 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # EA1050G-12
Description  30~42 Watts Switching Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

EA1050G-12 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  EA1050G-12 Datasheet HTML 1Page - Bothhand USA, LP. EA1050G-12 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
EA1050E, F, G
Series
30~42 Watts Switching Adapter
FEATURES
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Compact Size: (L)120*(W)60*(H)34mm
●Efficiency Over 75%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●IEC-320 Receptacle 3P
SPECIFICATION
Model
Item
EA1050E-xx
EA1050F-xx
EA1050G-xx
Output Voltage
+12V~17V
+12V~17V
+12V~17V
Output Rating
3.5A or 42W Max
3.0A or 36W Max
2.5A or 30W Max
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
1.5A Maximum
Inrush Current
80A Maximum
Line Regulation
2% Maximum
Load Regulation
± 5%
Ripple & Noise
1% Typical
Efficiency
77% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
16V~20V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Safety Description
UL, CUL, TUV, CE, PSE, D.F.N.S., CB, FCC
(*): Under Development
(I/P): In Process


Similar Part No. - EA1050G-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EA1050G RSG-EA1050G Datasheet
109Kb / 2P
   30~60W AC-DC Single Output Desk Top Type
More results

Similar Description - EA1050G-12

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA06H12 BOTHHAND-SA06H12 Datasheet
41Kb / 2P
   30 Watts Switching Adapter
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
SA0612 BOTHHAND-SA0612 Datasheet
43Kb / 2P
   20 Watts Switching Adapter
SA01H12 BOTHHAND-SA01H12 Datasheet
50Kb / 2P
   15 Watts Switching Adapter
SP9715 BOTHHAND-SP9715 Datasheet
49Kb / 2P
   10~15 Watts Switching Adapter
SA0104 BOTHHAND-SA0104 Datasheet
49Kb / 2P
   5~7.5 Watts Switching Adapter
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
EA1060A BOTHHAND-EA1060A Datasheet
40Kb / 2P
   50~60 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
   6~15 Watts Switching Adapter
EA1050A BOTHHAND-EA1050A Datasheet
42Kb / 2P
   50~60 Watts Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com