Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4937A Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S4937A
Description  ISDN T1/E1 TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S4937A Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S4937A Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date :2001/07/16
Drawing no.: ISDN Transformer
REV.: A3
Page : 1/1
ISDN T1/E1 TRANSFORMER
P/N: S4937A DATA SHEET
A. General Specifications:
1. Used the widely -accepted “T” case packaging
2. Models available for use with most E1/T1 transformer chips
Electrical Specifications@ 25C
1. Turns Ratio: 1:1.36
2. OCL : 1.5 mH Min
3. L.L : 0.80 µH Max
4. Cw/w : 35 pF Max
5. DCR Pri. : 0.70
? Max
6. DCR Sec. : 1.0
? Max
7. Primary Pins : 5-6
8. HI-POT : 1500 Vrms
C. Schematic & Mechanical:


Similar Part No. - S4937A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S4937 BOTHHAND-S4937 Datasheet
245Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
Galaxy Semi-Conductor H...
S4937 BILIN-S4937 Datasheet
488Kb / 4P
   Fast Recovery Rectifier
More results

Similar Description - S4937A

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3296S PCA-EPA3296S Datasheet
41Kb / 1P
   T1/E1 ISDN Transformer
logo
MPS Industries, Inc.
T1201 MPSIND-T1201 Datasheet
386Kb / 1P
   ISDN/T1/E1 TRANSFORMER
logo
Bothhand USA, LP.
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
8S1073M BOTHHAND-8S1073M Datasheet
317Kb / 2P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
S1188M BOTHHAND-S1188M Datasheet
73Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
logo
Pulse A Technitrol Comp...
TX1341NL PULSE-TX1341NL Datasheet
453Kb / 2P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com