Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTD511-22V-XX Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LTD511-22V-XX
Description  TRIPLE DIGIT LED DISPLAY (0.56 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD511-22V-XX Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LTD511-22V-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD511-22V-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Description
Test Condition
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Reference
Standard
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
Reliability Test:
High Temperature
High Humidity Test
Low Temperature
Storage Test
High Temperature
Storage Test
Test Item
Operating Life Test
Solderability Test
Solder Resistance
Test
Thermal Shock Test
Page 7/7
LTD511/22V-XX
PART NO.


Similar Part No. - LTD511-22V-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD511-22-XX LIGITEK-LTD511-22-XX Datasheet
128Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-22-XX-RP35-PF LIGITEK-LTD511-22-XX-RP35-PF Datasheet
147Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
More results

Similar Description - LTD511-22V-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD511-22-XX LIGITEK-LTD511-22-XX Datasheet
128Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-22V-XX-PF LIGITEK-LTD521-22V-XX-PF Datasheet
149Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD595-65-XX LIGITEK-LTD595-65-XX Datasheet
160Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-21-XX LIGITEK-LTD511-21-XX Datasheet
141Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-25-XX-PF LIGITEK-LTD521-25-XX-PF Datasheet
148Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-24V-XX-RP9 LIGITEK-LTD511-24V-XX-RP9 Datasheet
127Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX LIGITEK-LTD511-25-XX Datasheet
131Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX-RP65-PF LIGITEK-LTD511-25-XX-RP65-PF Datasheet
144Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD521-2SBKS-XX-PF LIGITEK-LTD521-2SBKS-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD511-25-XX-RP105-PF LIGITEK-LTD511-25-XX-RP105-PF Datasheet
144Kb / 9P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
LTD595-62-XX LIGITEK-LTD595-62-XX Datasheet
163Kb / 8P
   TRIPLE DIGIT LED DISPLAY (0.56 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com