Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTD425-65-XX-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LTD425-65-XX-PF
Description  TRIPLE DIGIT LED DISPLAY (0.4Inch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LTD425-65-XX-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LTD425-65-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LTD425-65-XX-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 8/9
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Time(sec)
150
260
°C3sec Max
5
°/sec
max
100
2
° /sec
max
Preheat
50
260°
Temp(
°C)
120°
0
25°
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
PART NO.
60 Seconds Max
LTD425/65-XX-PF


Similar Part No. - LTD425-65-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD425-62-XX-PF LIGITEK-LTD425-62-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
More results

Similar Description - LTD425-65-XX-PF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBT40R1 ETC1-QBT40R1 Datasheet
620Kb / 12P
   0.4inch Three Digit Display
logo
LIGITEK electronics co....
LTD205-62-XX-S1-PF LIGITEK-LTD205-62-XX-S1-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD425-6SBKS-XX-PF LIGITEK-LTD425-6SBKS-XX-PF Datasheet
146Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD425-62-XX-PF LIGITEK-LTD425-62-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY
LTD315-61-XX-PF LIGITEK-LTD315-61-XX-PF Datasheet
146Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-PF LIGITEK-LTD315-63-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD415-64-XX-PF LIGITEK-LTD415-64-XX-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-62-XX-PF LIGITEK-LTD315-62-XX-PF Datasheet
142Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-65-XX-RP4-PF LIGITEK-LTD315-65-XX-RP4-PF Datasheet
143Kb / 9P
   TRIPLE DIGIT LED DISPLAY
LTD315-63-XX-RP12-PF LIGITEK-LTD315-63-XX-RP12-PF Datasheet
141Kb / 9P
   TRIPLE DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com