Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSSD205-6A-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSSD205-6A-XX
Description  SINGLE DIGIT SMD DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSSD205-6A-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSSD205-6A-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSSD205-6A-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
12
7.5(0.295")
1
7.0
(0.28")
Note : The tolerances unless mentioned is
±0.1mm
Recommended Soldering Pad Dimensions
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
Package Dimensions
PART NO. LSSD205/6A-XX
DP
ψ0.9(0.035")
10.0
(0.394")
10.8
(0.425")
8.5
12.7
1.27X6=7.62
1.0
2.1
6
R0.4
3.75(0.148")
1.27X5=6.35
(0.25")
B
F
E
D
C
G
7
A
0.6(0.024")
0.98(0.039")
1.0
(0.039")
Page 1/9
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LSSD205-6A-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-66F-XX LIGITEK-LSSD205-66F-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-69-XX LIGITEK-LSSD205-69-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
More results

Similar Description - LSSD205-6A-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSSD205-6DBK-XX LIGITEK-LSSD205-6DBK-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-66F-XX LIGITEK-LSSD515-66F-XX Datasheet
407Kb / 8P
   Single DIGIT SMD DISPLAY
LSSD305-66F-XX LIGITEK-LSSD305-66F-XX Datasheet
337Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD315-6DBK-XX LIGITEK-LSSD315-6DBK-XX Datasheet
318Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD215-6DBK-XX LIGITEK-LSSD215-6DBK-XX Datasheet
360Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGL-XX LIGITEK-LSSD205-6DGL-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD205-63H-XX LIGITEK-LSSD205-63H-XX Datasheet
143Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD215-66F-XX LIGITEK-LSSD215-66F-XX Datasheet
434Kb / 8P
   SINGLE DIGIT SMD DISPLAY
LSSD205-6DGM-XX LIGITEK-LSSD205-6DGM-XX Datasheet
144Kb / 10P
   SINGLE DIGIT SMD DISPLAY
LSSD515-63V-XX LIGITEK-LSSD515-63V-XX Datasheet
259Kb / 6P
   Single DIGIT SMD DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com