Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSRFVG3393 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSRFVG3393
Description  DUAL COLOR LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG3393 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSRFVG3393 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG3393 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Operating Life Test
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Solder Resistance
Test
Solderability Test
Thermal Shock Test
Low Temperature
Storage Test
High Temperature
High Humidity Test
High Temperature
Storage Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
The purpose of this test is the resistance
of the device under tropical for hous.
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-883:1008
JIS C 7021: B-10
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSRFVG3393
Reliability Test:
Test Item
PART NO.
Test Condition
Description
Reference
Standard
Page 5/5


Similar Part No. - LSRFVG3393

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFVG339-S82-PF LIGITEK-LSRFVG339-S82-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG3392/S82-PF LIGITEK-LSRFVG3392/S82-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - LSRFVG3393

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com