Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSRFVG2363-R1-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSRFVG2363-R1-PF
Description  LSRFVG2363-R1-PF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSRFVG2363-R1-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSRFVG2363-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSRFVG2363-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 6/6
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Test Item
Operating Life Test
Test Condition
Reliability Test:
High Temperature
Storage Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Description
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Thermal Shock Test
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202:103B
JIS C 7021: B-11
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this test is the resistance
of the device under tropical for hours.
PART NO. LSRFVG2363/R1-PF


Similar Part No. - LSRFVG2363-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSRFVG2363-PF LIGITEK-LSRFVG2363-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSRFVG2363-R1-PF

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
R1-D1A0500 RAYEX-R1-D1A0500 Datasheet
58Kb / 2P
   R1 SERIES
logo
Arduino
ABX00063 ARDUINO-ABX00063 Datasheet
3Mb / 21P
   GIGA R1 WiFi
19/05/2023
logo
Apacer Technology Inc.
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
   R1 microSD memory cards
logo
Fairchild Semiconductor
KBPM FAIRCHILD-KBPM Datasheet
26Kb / 1P
   KBPM (FS PKG CODE R1)
logo
Rohm
SMLR13WBDW3 ROHM-SMLR13WBDW3 Datasheet
1Mb / 4P
   SML-R1 Series PICOLED-side
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
UMA2NTR ROHM-UMA2NTR Datasheet
444Kb / 7P
   Built-In Biasing Resistors, R1 = R2 = 47kW.
logo
ON Semiconductor
MUN2240 ONSEMI-MUN2240_14 Datasheet
143Kb / 11P
   Digital Transistors (BRT) R1 = 47k R2 = k
February, 2014 ??Rev. 3
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com