Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM9220 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDM9220
Description  Frequency Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDM9220 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDM9220 Datasheet HTML 1Page - Shoulder Electronics Limited. HDM9220 Datasheet HTML 2Page - Shoulder Electronics Limited. HDM9220 Datasheet HTML 3Page - Shoulder Electronics Limited. HDM9220 Datasheet HTML 4Page - Shoulder Electronics Limited. HDM9220 Datasheet HTML 5Page - Shoulder Electronics Limited. HDM9220 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Frequency Synthesizer
HDM9220
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 6
1. Features
·Small Vollume,Applicable to Surface Mount Technology
·Low Voltage Work: +5V
·Low Phase Noise
·Working Temperature:-40
oC ~ +85oC
2. Applications
CDMA, WCDMA, TD-SCDMA Wireless
Base Station
CDMA, WCDMA, TD-SCDMA
Wireless Repeater
Peer-to-Peer Communications Equipment
RFID
3. Product Description
M9000 series of low phase noise SMD micro frequency synthesizer introduces Hybrid Integration
Technology, by integrating PLL chips, loop filters, buffer,relevant external components and circuit
Performance Indicators in a size of 19*19mm2 through SMD technology. This series frequency
synthesizer needs to be connected outside with reference signal through 3-wire Serial Control
Interface to settle working frequency.


Similar Part No. - HDM9220

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDM9200 SHOULDER-HDM9200 Datasheet
176Kb / 6P
   Frequency Synthesizer
HDM9210 SHOULDER-HDM9210 Datasheet
176Kb / 6P
   Frequency Synthesizer
More results

Similar Description - HDM9220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com