Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDL2120 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDL2120
Description  LC FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDL2120 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDL2120 Datasheet HTML 1Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 2Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 3Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 4Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 5Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 6Page - Shoulder Electronics Limited. HDL2120 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LC FILTER
HD L2120
www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn
Page 3 of 7
1. FEATURES
Excellent rejection
Good VSWR,1.3:1 typ @ Passband
2. APPLICATIONS
Receivers/Transmitters
Base station(CDMA 2000)
3. ELECTRICAL SPECIFICATION
Operation temperature
-40℃ to +85℃
Storage temperature
-55℃ to +100℃
RF Power Input
0.5W max
3-1.Typical frequency response
PASSBAND
(MHz)
STOPBANDS(MHz)
VSWR(:1)
CENTER
FREQ
(MHz)
Loss<3.5dB
Loss>20dB
Loss>40dB
Passband
Max
Stopband
Typ.
177
170-185
0-150
210-2000
0-135
240-2000
1.7
30


Similar Part No. - HDL2120

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
More results

Similar Description - HDL2120

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDL2110 SHOULDER-HDL2110 Datasheet
208Kb / 7P
   LC FILTER
HDL2170 SHOULDER-HDL2170 Datasheet
126Kb / 5P
   LC FILTER
HDL2010 SHOULDER-HDL2010 Datasheet
251Kb / 8P
   LC FILTER
HDL2140 SHOULDER-HDL2140 Datasheet
125Kb / 4P
   LC FILTER
HDL2130 SHOULDER-HDL2130 Datasheet
125Kb / 4P
   LC FILTER
logo
SAMWHA ELECTRIC
CFI06B1H220M SAMWHA-CFI06B1H220M Datasheet
369Kb / 4P
   LC Filter
logo
Integrated Technology F...
IFL00736 ITF-IFL00736 Datasheet
138Kb / 4P
   LC bandpass filter
IFL01187 ITF-IFL01187 Datasheet
119Kb / 3P
   LC bandpass filter
logo
MTRONPTI
SA0033 MTRONPTI-SA0033 Datasheet
136Kb / 1P
   Diplexer LC Filter
LF9141R MTRONPTI-LF9141R Datasheet
166Kb / 1P
   Bandpass LC Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com