Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKM100GB12T4 Datasheet(PDF) 2 Page - Semikron International

Part # SKM100GB12T4
Description  Fast IGBT4 Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKM100GB12T4 Datasheet(HTML) 2 Page - Semikron International

  SKM100GB12T4_09 Datasheet HTML 1Page - Semikron International SKM100GB12T4_09 Datasheet HTML 2Page - Semikron International SKM100GB12T4_09 Datasheet HTML 3Page - Semikron International SKM100GB12T4_09 Datasheet HTML 4Page - Semikron International SKM100GB12T4_09 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SKM100GB12T4
2
Rev. 0 – 10.03.2009
© by SEMIKRON
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF =100 A
VGE =0V
chip
Tj =25°C
2.2
2.52
V
Tj = 150 °C
2.15
2.47
V
VF0
Tj =25°C
1.3
1.5
V
Tj = 150 °C
0.9
1.1
V
rF
Tj =25°C
9.0
10.2
mΩ
Tj = 150 °C
12.5
13.7
mΩ
IRRM
IF =100 A
di/dtoff = 1600 A/µs
VGE =±15 V
VCC = 600 V
Tj = 150 °C
54
A
Qrr
Tj = 150 °C
15.7
µC
Err
Tj = 150 °C
5.9
mJ
Rth(j-c)
per diode
0.48
K/W
Module
LCE
30
nH
RCC'+EE'
terminal-chip
TC =25°C
0.65
mΩ
TC = 125 °C
1mΩ
Rth(c-s)
per module
0.04
0.05
K/W
Ms
to heat sink M6
3
5
Nm
Mt
to terminals M5
2.5
5
Nm
Nm
w
160
g
SEMITRANS®2
GB
Fast IGBT4 Modules
SKM100GB12T4
Features
• IGBT4 = 4. Generation (Trench)IGBT
• VCEsat with positive temperature
coefficient
• High short circuit capability, self
limiting to 6 x ICNOM
• Soft switching 4. Generation CAL
diode (CAL4)
Typical Applications
• AC inverter drives
•UPS
• Electronic welders at fsw up to 20 kHz
Remarks
• Case temperature limited to
Tc = 125°C max, recomm.
Top = -40 ... +150°C, product
rel. results valid for Tj = 150°


Similar Part No. - SKM100GB12T4_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM100GB12T4G SEMIKRON-SKM100GB12T4G Datasheet
398Kb / 5P
   IGBT4 Modules
SKM100GB12T4G SEMIKRON-SKM100GB12T4G Datasheet
403Kb / 5P
   Fast IGBT4 Modules
SKM100GB12T4G SEMIKRON-SKM100GB12T4G_09 Datasheet
403Kb / 5P
   Fast IGBT4 Modules
More results

Similar Description - SKM100GB12T4_09

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM300GAL12T4 SEMIKRON-SKM300GAL12T4 Datasheet
442Kb / 5P
   Fast IGBT4 Modules
SKM600GA12T4 SEMIKRON-SKM600GA12T4_09 Datasheet
333Kb / 5P
   Fast IGBT4 Modules
SKM150GAL12T4 SEMIKRON-SKM150GAL12T4_10 Datasheet
432Kb / 5P
   Fast IGBT4 Modules
SKM150GM12T4G SEMIKRON-SKM150GM12T4G Datasheet
325Kb / 5P
   Fast IGBT4 Modules
SKM200GM12T4 SEMIKRON-SKM200GM12T4 Datasheet
327Kb / 5P
   Fast IGBT4 Modules
SKM400GA12T4 SEMIKRON-SKM400GA12T4_09 Datasheet
283Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4 Datasheet
444Kb / 5P
   Fast IGBT4 Modules
SKM50GB12T4 SEMIKRON-SKM50GB12T4_09 Datasheet
485Kb / 5P
   Fast IGBT4 Modules
SKM200GAL12T4 SEMIKRON-SKM200GAL12T4_13 Datasheet
394Kb / 5P
   Fast IGBT4 Modules
SKM200GB12T4 SEMIKRON-SKM200GB12T4_13 Datasheet
393Kb / 5P
   Fast IGBT4 Modules
SKM300GA12T4 SEMIKRON-SKM300GA12T4_13 Datasheet
391Kb / 5P
   Fast IGBT4 Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com