Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSR11243-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSR11243-PF
Description  SUPER BRIGHT TOWER TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR11243-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSR11243-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR11243-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
Operating Life Test
Reliability Test:
Test Condition
Test Item
Description
Page 5/5
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
Reference
Standard
PART NO. LSR11243-PF


Similar Part No. - LSR11243-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR11243 LIGITEK-LSR11243 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
More results

Similar Description - LSR11243-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR1130-PF LIGITEK-LSR1130-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LURF42741-PF LIGITEK-LURF42741-PF Datasheet
110Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG42741 LIGITEK-LVG42741 Datasheet
102Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LHRF11240-PF LIGITEK-LHRF11240-PF Datasheet
111Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSR3333 LIGITEK-LSR3333 Datasheet
544Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LSE11241 LIGITEK-LSE11241 Datasheet
70Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVG1340 LIGITEK-LVG1340 Datasheet
73Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUE21233 LIGITEK-LUE21233 Datasheet
93Kb / 5P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LVY42741-PF LIGITEK-LVY42741-PF Datasheet
108Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
LUR11240H-S4-PF LIGITEK-LUR11240H-S4-PF Datasheet
112Kb / 6P
   SUPER BRIGHT TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com