Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20PT1021AZ Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 20PT1021AZ
Description  20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFOMER FOR MDIX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

20PT1021AZ Datasheet(HTML) 1 Page - Bothhand USA, LP.

  20PT1021AZ Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: 20PT1021AZ DATA SHEET
Feature
!
Compliant with IEEE 802.3u and ANSI X3.263 standards
including 350uH OCL with 8mA Bias.
!
Operating temperature range : 0℃ to +70℃.
!
Storage temperature range: -25℃ to +105℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
OCL(uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
Rise Time
(nS Typ)
DCR
(Ω Max)
HI-POT
(Vrms)
20PT1021AZ 1CT:1CT 1CT:1CT
350
0.5
50
2.5
0.9
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3–100MHz
0.3-30MHz
30-60MHz
60-80MHz
0.3-100MHz
0.3-100MHz
20PT1021AZ
-1.15
-18
-14
-12
-35
-30
Schematic
Mechanical
Bothhandusa.com
20 PIN DIP ETHERNET 10/100 BASE DUAL
PORT TRANSFORMER FOR MDIX
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - 20PT1021AZ

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
20PT1021A BOTHHAND-20PT1021A Datasheet
56Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021A BOTHHAND-20PT1021A Datasheet
508Kb / 6P
   10/100 BASE DUAL PORT TRANSFORMERS
20PT1021A1 BOTHHAND-20PT1021A1 Datasheet
28Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021ALF BOTHHAND-20PT1021ALF Datasheet
776Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS
20PT1021AX BOTHHAND-20PT1021AX Datasheet
358Kb / 4P
   10/100 BASE DUAL PORT TRANSFORMERS MDIX
More results

Similar Description - 20PT1021AZ

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
20PT1120F BOTHHAND-20PT1120F Datasheet
260Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFOMER
20PT1021X1 BOTHHAND-20PT1021X1 Datasheet
53Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER MDIX
20PT1021SI BOTHHAND-20PT1021SI Datasheet
254Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER FOR MDIX APPLICATION
20PT1021IZ BOTHHAND-20PT1021IZ Datasheet
255Kb / 1P
   10/100 BASE DUAL PORT TRANSFOMER FOR MDIX APPLICATION
20PT1021SX-LF BOTHHAND-20PT1021SX-LF Datasheet
97Kb / 1P
   10/100 BASE-TX DUAL DIP PORT TRANSFOMER APPLRY TO MDIX
20PT1021A1 BOTHHAND-20PT1021A1 Datasheet
28Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021F BOTHHAND-20PT1021F Datasheet
55Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021 BOTHHAND-20PT1021_1 Datasheet
54Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1026A BOTHHAND-20PT1026A Datasheet
55Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021D BOTHHAND-20PT1021D Datasheet
55Kb / 1P
   20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com