Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSR1030-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSR1030-PF
Description  TOWER TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR1030-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSR1030-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR1030-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR1030-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR1030-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR1030-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR1030-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LSR1030-PF
PART NO.
Page 5/5
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Test Item
Test Condition
Operating Life Test
Reliability Test:
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Description
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
High Temperature
High Humidity Test
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs


Similar Part No. - LSR1030-PF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LSR103 TSC-LSR103 Datasheet
62Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR103 TSC-LSR103 Datasheet
269Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LSR103 TSC-LSR103 Datasheet
420Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LSR103 LUGUANG-LSR103 Datasheet
234Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LSR103 TSC-LSR103 Datasheet
207Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - LSR1030-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LY42740-C1 LIGITEK-LY42740-C1 Datasheet
104Kb / 5P
   TOWER TYPE LED LAMPS
LG1030-PF LIGITEK-LG1030-PF Datasheet
1Mb / 6P
   TOWER TYPE LED LAMPS
LG11430-PF LIGITEK-LG11430-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LE42741-C2 LIGITEK-LE42741-C2 Datasheet
103Kb / 5P
   TOWER TYPE LED LAMPS
LG21441-PF LIGITEK-LG21441-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LSR21440-PF LIGITEK-LSR21440-PF Datasheet
137Kb / 6P
   TOWER TYPE LED LAMPS
LSE21641-PF LIGITEK-LSE21641-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
LI11240-PF LIGITEK-LI11240-PF Datasheet
111Kb / 6P
   TOWER TYPE LED LAMPS
LY1030 LIGITEK-LY1030 Datasheet
70Kb / 5P
   TOWER TYPE LED LAMPS
LY1030-PF LIGITEK-LY1030-PF Datasheet
110Kb / 6P
   TOWER TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com