Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKET330-22E Datasheet(PDF) 2 Page - Semikron International

Part # SKET330-22E
Description  Thyristor Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKET330-22E Datasheet(HTML) 2 Page - Semikron International

  SKET330-22E Datasheet HTML 1Page - Semikron International SKET330-22E Datasheet HTML 2Page - Semikron International SKET330-22E Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1L Power dissipation per thyristor vs. on-state current
Fig. 1R Power dissipation per thyristor vs. ambient temp.
Fig. 5 Recovered charge vs. current decrease
Fig. 6 Transient thermal impedance vs. time.
Fig. 7 On-state characteristics
Fig. 8 Surge overload current vs. time
RECTIFIER,DIODE,THYRISTOR,MODULE
2
16-02-2009 MAY
© by SEMIKRON


Similar Part No. - SKET330-22E

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKET330 SEMIKRON-SKET330 Datasheet
698Kb / 3P
   Thyristor Modules
SKET330 SEMIKRON-SKET330 Datasheet
425Kb / 4P
   SEMIPACK짰 4 Thyristor Modules
SKET330/08E SEMIKRON-SKET330/08E Datasheet
698Kb / 3P
   Thyristor Modules
SKET330/12E SEMIKRON-SKET330/12E Datasheet
698Kb / 3P
   Thyristor Modules
SKET330/14E SEMIKRON-SKET330/14E Datasheet
698Kb / 3P
   Thyristor Modules
More results

Similar Description - SKET330-22E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com