Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSEG32662-S11-H-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSEG32662-S11-H-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEG32662-S11-H-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSEG32662-S11-H-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEG32662-S11-H-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
40
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
1.0
750
700
650
600
550
Wavelength (nm)
0.5
0.0
1.0
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
-20
0.8
-40
20
0
0.9
80
60
40
100
0.0
-40
-20
0
20
0.5
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.2
1.0
1.1
2.0
1.5
2.5
3.0
1.0
1.0
3.0
2.0
0.1
10
100
1.0
4.0
5.0
0.0
1.0
10
0.5
1.5
2.5
2.0
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
1000
SE CHIP
3.0
100
60
80
1000
100
Page3/6
PART NO. LSEG32662/S11/H-PF


Similar Part No. - LSEG32662-S11-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEG3392-PF LIGITEK-LSEG3392-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSEG35162 LIGITEK-LSEG35162 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-PF LIGITEK-LSEG35162-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-R1 LIGITEK-LSEG35162-R1 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LSEG35162-S35-PF LIGITEK-LSEG35162-S35-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSEG32662-S11-H-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com