Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSEFG2363-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSEFG2363-PF
Description  BIPOLAR TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFG2363-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSEFG2363-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFG2363-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solder Resistance
Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
This test intended to see soldering well
performed or not.
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Thermal Shock Test
High Temperature
High Humidity Test
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
Reference
Standard
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Low Temperature
Storage Test
Operating Life Test
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Reliability Test:
Test Item
Test Condition
Description
Page 6/6
PART NO. LSEFG2363-PF


Similar Part No. - LSEFG2363-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEFG2662-PF LIGITEK-LSEFG2662-PF Datasheet
125Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results

Similar Description - LSEFG2363-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SE8G65562-PF LIGITEK-L9SE8G65562-PF Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
L2DBK2363 LIGITEK-L2DBK2363 Datasheet
111Kb / 6P
   BIPOLAR TYPE LED LAMPS
L2SBKS2363 LIGITEK-L2SBKS2363 Datasheet
108Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHYS9UG42462-S2 LIGITEK-LHYS9UG42462-S2 Datasheet
118Kb / 6P
   BIPOLAR TYPE LED LAMPS
LII2660-PF LIGITEK-LII2660-PF Datasheet
112Kb / 6P
   BIPOLAR TYPE LED LAMPS
LHRFSBKS2363 LIGITEK-LHRFSBKS2363 Datasheet
121Kb / 7P
   BIPOLAR TYPE LED LAMPS
LHRFUG3362-PF-TRS-13 LIGITEK-LHRFUG3362-PF-TRS-13 Datasheet
169Kb / 8P
   BIPOLAR TYPE LED LAMPS
LHY9UG3362-R1-PF LIGITEK-LHY9UG3362-R1-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSBKS9UG35162 LIGITEK-LSBKS9UG35162 Datasheet
127Kb / 7P
   BIPOLAR TYPE LED LAMPS
LSEDBK3342-L1 LIGITEK-LSEDBK3342-L1 Datasheet
126Kb / 7P
   BIPOLAR TYPE LED LAMPS
LYG35162-PF LIGITEK-LYG35162-PF Datasheet
150Kb / 7P
   BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com