Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSE85740-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSE85740-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSE85740-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSE85740-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSE85740-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSE85740-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSE85740-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSE85740-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSE85740-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2/5
Page
mA
UNIT
Ratings
15
Orange
IF
Parameter
Forward Current
Symbol
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
mW
Luminous
intensity
@10mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
48
20
45
Typ.
Min.
10
40
-40 ~ +100
-40 ~ +85
Ir
PD
Topr
Tstg
Storage Temperature
Operating Temperature
Power Dissipation
Reverse Current @5V
20
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
2.6
1.7
45
609
Lens
Min.
PART NO
MATERIAL
Orange
GaAsP/GaP
LSE85740-PF
Emitted
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Orange Diffused
COLOR
Forward
voltage
@
mA(V)
Max.
Peak Forward Current
Duty 1/10@10KHz
IFP
80
mA
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
PART NO. LSE85740-PF


Similar Part No. - LSE85740-PF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSE8A HONEYWELL-LSE8A Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSE85740-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com