Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-108GCG Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTW-108GCG
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-108GCG Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTW-108GCG Datasheet HTML 1Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 2Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 3Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 4Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 5Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 6Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 7Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 8Page - Lite-On Technology Corporation LTW-108GCG Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
Parameter
LTW-108GCG
Unit
Power Dissipation
120
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
DC Forward Current
30
mA
Reverse Voltage
5
V
Operating Temperature Range
-30℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Reflow Soldering Condition
260℃ For 10 Seconds
Suggest IR Reflow Condition :
R-Reflow Soldering Profile for lead free soldering (Acc. to J-STD-020B)
Part No. : LTW-108GCG
Page :
2
of
11
BNS-OD-C131/A4


Similar Part No. - LTW-108GCG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-108SEG-W LITEON-LTW-108SEG-W Datasheet
634Kb / 12P
   Display & Mobile
logo
HK TO-GRACE TECHNOLOGY ...
LTW-108SEG-W TO-GRACE-LTW-108SEG-W Datasheet
985Kb / 12P
   SMD LED
More results

Similar Description - LTW-108GCG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com