Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSE27440-S1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LSE27440-S1-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSE27440-S1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LSE27440-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSE27440-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSE27440-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSE27440-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSE27440-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSE27440-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
610
45
4.5
3.0
2.6
1.7
PART NO. L
10
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
SE
Symbol
Parameter
Ratings
Absolute Maximum Ratings at Ta=25
mA
mW
80
80
μA
10
IFP
PD
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Ir
Reverse Current @5V
Forward Current
IF
mA
20
-40 ~ +100
Max 260
for 5 sec Max
(2mm from body)
Tstg
Soldering Temperature
Storage Temperature
Tsol
Forward
voltage
@20mA(V)
Spectral
halfwidth
△λnm
Luminous
intensity
@
mA(mcd)
COLOR
PART NO
MATERIAL
Typical Electrical & Optical Characteristics (Ta=25
)
Typ.
150
Max. Min.
Min.
Lens
Emitted
Orange
LSE27440/S1-PF
GaAsP/GaP
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Peak
wave
length
λPnm
Viewing
angle
2
θ 1/2
(deg)
Operating Temperature
-40 ~ +85
Topr
SE27440/S1-PF
Orange Diffused


Similar Part No. - LSE27440-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSE2040 LIGITEK-LSE2040 Datasheet
105Kb / 5P
   ROUND TYPE LED LAMPS
LSE2040-P1-PF LIGITEK-LSE2040-P1-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LSE2040-P1-PF-TBS-X LIGITEK-LSE2040-P1-PF-TBS-X Datasheet
125Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LSE2041 LIGITEK-LSE2041 Datasheet
104Kb / 5P
   ROUND TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results

Similar Description - LSE27440-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com