Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD4015-64-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSD4015-64-XX
Description  SINGLE DIGIT LED DISPLAY (4.0 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD4015-64-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD4015-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD4015-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Luminous Intensity Matching Ratio
IV-M
Test Condition For Each Parameter
Parameter
Luminous Intensity Per Chip
Reverse Current Any Chip
Forward Voltage Per Chip
PART NO.
Peak Wavelength
Spectral Line Half-Width
5/7
Page
Unit
mcd
nm
volt
nm
μA
Vf
Ir
△λ
Iv
λp
Symbol
If=20mA
If=20mA
If=20mA
If=20mA
Vr=5V
Test Condition
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LSD4015/64-XX


Similar Part No. - LSD4015-64-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD4015-62-XX LIGITEK-LSD4015-62-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-62V-XX LIGITEK-LSD4015-62V-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-63-XX LIGITEK-LSD4015-63-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-63HS-XX LIGITEK-LSD4015-63HS-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY
LSD4015-65-XX LIGITEK-LSD4015-65-XX Datasheet
132Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
More results

Similar Description - LSD4015-64-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD4015-62-XX LIGITEK-LSD4015-62-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-65-XX-PF LIGITEK-LSD4015-65-XX-PF Datasheet
177Kb / 9P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4065-6EGR-XX LIGITEK-LSD4065-6EGR-XX Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-65-XX LIGITEK-LSD4015-65-XX Datasheet
132Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-62V-XX LIGITEK-LSD4015-62V-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-63-XX LIGITEK-LSD4015-63-XX Datasheet
133Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
LSD4015-66-XX LIGITEK-LSD4015-66-XX Datasheet
134Kb / 8P
   SINGLE DIGIT LED DISPLAY (4.0 Inch)
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
A-4001Y PARALIGHT-A-4001Y Datasheet
215Kb / 11P
   4.0 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com