Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD3021-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LSD3021-XX
Description  SINGLE DIGIT LED DISPLAY (0.3 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3021-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LSD3021-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3021-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5/7
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
If=20mA
Test Condition
If=20mA
If=20mA
If=10mA
volt
Vf
Unit
nm
μA
nm
λP
Iv
mcd
Reverse Current Any Chip
Spectral Line Half-Width
Forward Voltage Per Chip
Peak Wavelength
Luminous Intensity Per Chip
Parameter
Test Condition For Each Parameter
Symbol
△λ
Luminous Intensity Matching Ratio
IV-M
Ir
Vr=5V
LSD3021-XX
PART NO.


Similar Part No. - LSD3021-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3025-6SR9UG-XX-G-PF LIGITEK-LSD3025-6SR9UG-XX-G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025/6SR9UG-XX/G-PF LIGITEK-LSD3025/6SR9UG-XX/G-PF Datasheet
168Kb / 10P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
More results

Similar Description - LSD3021-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD3012P-XX-PF LIGITEK-LSD3012P-XX-PF Datasheet
137Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-P7-PF LIGITEK-LSD3922-XX-P7-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3922-XX-PF LIGITEK-LSD3922-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3015-XX LIGITEK-LSD3015-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3014-XX LIGITEK-LSD3014-XX Datasheet
118Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
LSD3222-XX-PF LIGITEK-LSD3222-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com