Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD1015-61-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSD1015-61-XX
Description  SINGLE DIGIT LED DISPLAY (1.0 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1015-61-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD1015-61-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1015-61-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Common
Anode
LSD1015/61-XX
4/7
Page
15
H
60
40
mW
mA
mA
UNIT
Symbol
IF
IFP
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
PART NO.
2:1
IV-M
Iv(mcd)
Vf(v)
Electrical
Typ.
Min.
2.35
1.35
Typ.
Min.
2.1
1.7
2.6
Max.
Topr
Tstg
90
697
common
cathode
or anode
λP
(nm)
△λ
(nm)
CHIP
Emitted
Red
GaP
Material
-25 ~ +85
-25 ~ +85
Common
Cathode
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25
)
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260
PART NO
LSD10161-XX
LSD10151-XX
Storage Temperature
Operating Temperature
μA
10
Ir
Reverse Current Per Any Chip


Similar Part No. - LSD1015-61-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1015-62V-XX-PF LIGITEK-LSD1015-62V-XX-PF Datasheet
159Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-64-XX LIGITEK-LSD1015-64-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results

Similar Description - LSD1015-61-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD1005-6A-XX-PF LIGITEK-LSD1005-6A-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-6D-XX-PF LIGITEK-LSD1005-6D-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-65-XX LIGITEK-LSD1015-65-XX Datasheet
94Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66-XX-PF LIGITEK-LSD1015-66-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1055-64S-XX-PF LIGITEK-LSD1055-64S-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-66F-XX-PF LIGITEK-LSD1015-66F-XX-PF Datasheet
160Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-65-XX-PF LIGITEK-LSD1005-65-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1015-64-XX LIGITEK-LSD1015-64-XX Datasheet
93Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-62U-XX-PF LIGITEK-LSD1005-62U-XX-PF Datasheet
115Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
LSD1005-66-XX-PF LIGITEK-LSD1005-66-XX-PF Datasheet
132Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.0 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com