Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP-2412D6 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BP-2412D6
Description  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BP-2412D6 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BP-2412D6 Datasheet HTML 1Page - Bothhand USA, LP. BP-2412D6 Datasheet HTML 2Page - Bothhand USA, LP. BP-2412D6 Datasheet HTML 3Page - Bothhand USA, LP. BP-2412D6 Datasheet HTML 4Page - Bothhand USA, LP. BP-2412D6 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BP Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
2 W Single output Series
BP-2405S2
5.0
400
19
113
50
± 0.5
74
BP-2412S2
12.0
167
20
110
100
± 0.5
76
BP-2415S2
9 ~ 36
15.0
134
21
107
120
± 0.5
78
BP-4805S2
5.0
400
10
58
50
± 0.5
72
BP-4812S2
12.0
167
12
56
100
± 0.5
75
BP-4815S2
18 ~ 75
15.0
134
13
55
120
± 0.5
76
4 W Single output Series
BP-2405S4
5.0
800
19
219
50
± 0.5
76
BP-2412S4
12.0
333
20
213
50
± 0.5
78
BP-2415S4
9 ~ 36
15.0
267
22
209
100
± 0.5
80
BP-4805S4
5.0
800
10
105
50
± 0.5
79
BP-4812S4
12.0
333
13
104
100
± 0.5
80
BP-4815S4
18 ~ 75
15.0
267
15
101
120
± 0.5
83
6 W Single output Series
BP-2405S6
5.0
1200
25
321
50
± 0.5
78
BP-2412S6
12.0
500
27
313
100
± 0.5
80
BP-2412S6
9 ~ 36
15.0
400
27
309
120
± 0.5
81
BP-4805S6
5.0
1200
15
158
50
± 0.5
79
BP-4812S6
12.0
500
17
154
100
± 0.5
81
BP-4815S6
18 ~ 75
15.0
400
17
152
120
± 0.5
82
BP-xxxxSx
Notes:
1.
Standard output Voltage is 3.3V, 5V, 9V, 12V, 15V,
BP-xxxxSx is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
3.
Suffix “H” for 3.5K Vdc Isolation ….. ( BP-xxxxSxH )
4. Suffix “M” for Metal case …………... ( BP-xxxxSxM )


Similar Part No. - BP-2412D6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BP-2412S2LF BOTHHAND-BP-2412S2LF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2412S4LF BOTHHAND-BP-2412S4LF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2412S6LF BOTHHAND-BP-2412S6LF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
More results

Similar Description - BP-2412D6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com