Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP-4815S2 Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # BP-4815S2
Description  2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BP-4815S2 Datasheet(HTML) 4 Page - Bothhand USA, LP.

  BP-4815S2 Datasheet HTML 1Page - Bothhand USA, LP. BP-4815S2 Datasheet HTML 2Page - Bothhand USA, LP. BP-4815S2 Datasheet HTML 3Page - Bothhand USA, LP. BP-4815S2 Datasheet HTML 4Page - Bothhand USA, LP. BP-4815S2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BP Series
2 to 6 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
5. Dual Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
2 W Dual output Series
BP-2405D2
± 5.0
± 200
19
116
50
± 2
72
BP-2412D2
± 12.0
± 83
20
111
100
± 2
75
BP-2415D2
9 ~ 36
± 15.0
± 67
21
112
120
± 2
75
BP-4805D2
± 5.0
± 200
10
56
50
± 2
74
BP-4812D2
± 12.0
± 83
12
55
100
± 2
75
BP-4815D2
18 ~ 75
± 15.0
± 67
13
55
120
± 2
76
4 W Dual output Series
BP-2405D4
± 5.0
± 400
25
214
50
± 2
78
BP-2412D4
± 12.0
± 167
27
209
100
± 2
80
BP-2412D4
9 ~ 36
± 15.0
± 133
28
208
120
± 2
80
BP-4805D4
± 5.0
± 400
18
105
50
± 2
79
BP-4812D4
± 12.0
± 167
20
104
100
± 2
80
BP-4815D4
18 ~ 75
± 15.0
± 133
20
104
120
± 2
80
6 W Dual output Series
BP-2405D6
± 5.0
± 600
25
325
50
± 2
77
BP-2412D6
± 12.0
± 250
27
313
100
± 2
80
BP-2412D6
9 ~ 36
± 15.0
± 200
27
313
120
± 2
80
BP-4805D6
± 5.0
± 600
18
160
50
± 2
78
BP-4812D6
± 12.0
± 250
20
156
100
± 2
80
BP-4812D6
18 ~ 75
± 15.0
± 200
20
156
120
± 2
80
BP-xxxxDx
Notes:
1.
BP-xxxxDx is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
3.
Suffix “H” for 3.5K Vdc Isolation …… ( BP-xxxxDxH )
4.
Suffix “M” for Metal case ……….…… ( BP-xxxxDxM )


Similar Part No. - BP-4815S2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BP-4815S2LF BOTHHAND-BP-4815S2LF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
More results

Similar Description - BP-4815S2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com