Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD451-24-XX-SRP104-PF Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LSD451-24-XX-SRP104-PF
Description  SINGLE DIGIT LED DISPLAY (0.40 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD451-24-XX-SRP104-PF Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

  LSD451-24-XX-SRP104-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD451-24-XX-SRP104-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Description
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
This test intended to see soldering well
performed or not.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solder Resistance
Test
Solderability Test
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
Thermal Shock Test
High Temperature
High Humidity Test
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Operating Life Test
Reliability Test:
Test Item
Test Condition
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
Reference
Standard
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
Page 8/8
PART NO. LSD451/24-XX/SRP104-PF


Similar Part No. - LSD451-24-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD451-24-XX LIGITEK-LSD451-24-XX Datasheet
113Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.4 Inch)
More results

Similar Description - LSD451-24-XX-SRP104-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4T5-62U-XX-PF LIGITEK-LFD4T5-62U-XX-PF Datasheet
242Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-RP13-1-PF LIGITEK-LSD4224-XX-RP13-1-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-SRP104-PF LIGITEK-LSD401-2EGR-XX-SRP104-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-PF LIGITEK-LSD4224-XX-PF Datasheet
171Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX-PF LIGITEK-LSD401-2SBKS-XX-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX LIGITEK-LSD401-2SBKS-XX Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com