Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD401-24-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD401-24-XX
Description  SINGLE DIGIT LED DISPLAY (0.40 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD401-24-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD401-24-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD401-24-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LSD401/24-XX
LIGITEK
9.8(0.39")
18.75
(0.74")
10.16
(0.4")
5.08
(0.2")
ψ0.45
TYP.
7.4
(0.29")
6.0
±0.5
ψ1.5
2.45
2.5
14.98
(0.59")
2.54
2.45
5.04
PIN NO.1
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LSD401/24-XX
Package Dimensions
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/7


Similar Part No. - LSD401-24-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results

Similar Description - LSD401-24-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4T5-62U-XX-PF LIGITEK-LFD4T5-62U-XX-PF Datasheet
242Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-RP13-1-PF LIGITEK-LSD4224-XX-RP13-1-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-SRP104-PF LIGITEK-LSD401-2EGR-XX-SRP104-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-PF LIGITEK-LSD4224-XX-PF Datasheet
171Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX-PF LIGITEK-LSD401-2SBKS-XX-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD451-24-XX-SRP104-PF LIGITEK-LSD451-24-XX-SRP104-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX LIGITEK-LSD401-2SBKS-XX Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com