Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM-5857 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BCM-5857
Description  SURFACE MOUNT COMMON MODE CHOKE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BCM-5857 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BCM-5857 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/06/06
Drawing no.: Common Mode Choke
REV.:A0
Page : 1/1
SURFACE MOUNT COMMON MODE CHOKE
P/N: BCM-5857 DATA SHEET
A. General specifications:
1. Suited for LAN and Telecom application
2. Reduces radiated EMI emissions
3. Filters common mode noise for EMI reduction
4. Common mode attenuation from 100KHz to 500MHz
5. Tape packaging available for surface mount parts
B. Electrical Specifications @25°C.
1. DCR: 0.30Ω Max
2. Primary Inductance OCL : 22.5μH Min@100KHZ 50mVrms
3. Interwinding cap (@100KHZ 50mVrms): 17pF Max
4. Leackage inductance(@100KHZ 50mVrms): 0.23μH Max
5. Turns ratio(1.5MHZ 0.1Vrms ± 2%): 1:1:1:1
6. Hi-pot: 500Vrms 1mA 2SEC
C. Schematic & Mechanical :


Similar Part No. - BCM-5857

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BCM-5853 BOTHHAND-BCM-5853 Datasheet
98Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
BCM-5855 BOTHHAND-BCM-5855 Datasheet
129Kb / 1P
   COMMON MODE CHOKE SURFACE MOUNT
BCM-5855C BOTHHAND-BCM-5855C Datasheet
147Kb / 1P
   INDUCTORS AND COMMON MODE CHOKE
BCM-5858 BOTHHAND-BCM-5858 Datasheet
53Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
More results

Similar Description - BCM-5857

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
   CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
ICM0805ER900M VISHAY-ICM0805ER900M Datasheet
67Kb / 2P
   Surface Mount Common Mode Choke
Revision: 19-Apr-10
logo
NIC-Components Corp.
NCC NIC-NCC Datasheet
126Kb / 3P
   Surface Mount Common Mode Choke
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
logo
Rhombus Industries Inc.
F-174 RHOMBUS-IND-F-174 Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
F-1900HV RHOMBUS-IND-F-1900HV Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com