Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD215-65F-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LSD215-65F-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD215-65F-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LSD215-65F-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD215-65F-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ψ
0.45
TYP
7.62
(0.3")
6.0
(0.236")
6
8
2
4
7
9
10
5
3
1
9.85
(0.388")
5.08(0.2")
8.15(0.321")
7.0
(0.28")
ψ0.8(0.032")
3.5
±0.5
LSD215/65F-XX-PF
LIGITEK
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25(0.01") unless otherwise noted.
2.Specifications are subject to change without notice.
LSD215/65F-XX-PF
Package Dimensions
PART NO.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/8
PIN NO.1


Similar Part No. - LSD215-65F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
More results

Similar Description - LSD215-65F-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD215-62U-XX-PF LIGITEK-LSD215-62U-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD235-62-XX LIGITEK-LSD235-62-XX Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-63HS-XX-PF LIGITEK-LSD215-63HS-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com