Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TD62304305P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TD62304305P
Description  7CH LOW ACTIVE DARLINGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TD62304,305P/AP/F/AF
2001-07-16
2
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTICS
SYMBOL
RATING
UNIT
Supply Voltage
VCC
−0.5~7.0
V
P, F
−0.5~35
AF
−0.5~50
Output Sustaining Voltage
AP
VCE (SUS)
−0.5~50
V
Output Current
IOUT
500
mA / ch
−22~VCC +0.5
Input Voltage
VIN
−0.5~7 (Note 1)
V
Input Current
IIN
−10
mA
P
1.0
AP
1.47
Power Dissipation
F, AF
PD
0.625 (Note 2)
W
P
−30~75
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: TD62305P / AP / F / AF
Note 2: On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304FB7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62384AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62386AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308APA4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308BP-14CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62318AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62382AFN8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl