Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TD62304305P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TD62304305P
Description  7CH LOW ACTIVE DARLINGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TD62304,305P/AP/F/AF
2001-07-16
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62304P,TD62304AP,TD62304F,TD62304AF
TD62305P,TD62305AP,TD62305F,TD62305AF
7CH LOW ACTIVE DARLINGTON SINK DRIVER
The TD62304P/AP/F/AF and TD62305P/AP/F/AF are
non−inverting transistor arrays, which are comprised of eight
NPN darlington buffer-transistor output stages and PNP input
stages.
These devices can be operated by source input voltage and are
suitable for operations with a 5-V general purposed logic IC such
as 5-V TTL, 5-V CMOS and 5-V Microprocessor which have sink
current output drivers.
Please observe the thermal condition for using.
FEATURES
l Output current (single output) 500 mA (Max.)
l High sustaining voltage 35 V (TD62304P/F, 62305P/F) 50 V
(TD62304AP/AF, 62305AP/AF) (Min.)
l Low level active input
l Input compatible with 5-V TTL and 5-V CMOS
l Package type-P, AP: DIP-16 pin
l Package type-F, AF: SOP-18 pin
PIN CONNECTION (TOP VIEW)
SCHEMATICS (EACH DRIVER)
TD62034P/AP/F/AF
TD62305P/AP/F/AF
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
SOP16−P−225−1.27 : 0.16 g (Typ.)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304FB7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62384AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62386AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308APA4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308BP-14CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62318AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62382AFN8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl