Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TD62304305P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TD62304305P
Description  7CH LOW ACTIVE DARLINGTON SINK DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TD62304,305P/AP/F/AF
2001-07-16
4
TEST CIRCUIT
1. ICEX
2. hFE, VCE (sat)
3. IIN (ON)
4. IIN (OFF)
5. VIN (ON)
6. ICC
7. tON, tOFF
Note 1: Pulse Width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 10 ns, tf ≤ 5 ns
Note 2: CL includes probe and jig capacitance.
PRECAUTIONS for USING
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.Utmost care is
necessary in the design of the output line, VCC and GND line since IC may be destroyed due to short−circuit
between outputs, air contamination fault, or fault by improper grounding.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304FB7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62384AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
AD62386AP8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308APA4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62308BP-14CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62318AP4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62382AFN8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl