Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRGB9553-SB-TR1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LRGB9553-SB-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9553-SB-TR1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LRGB9553-SB-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9553-SB-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3.0
2.5
2.0
1.5
1.0
0.5
0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
0
550
0.5
600
650
700
0
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.0
0.9
1.1
1.2
80
40
20
60
100
Ambient Temperature(
)
-40
-20
020
60
40
100
80
3.0
2.5
2.0
1.5
1.0
0.5
0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
PART NO. LRGB9553-SB/TR1
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
10
1.0
UE CHIP
1000
3.0
4.0
5.0
Page4/9
1000
Forward Current(mA)
1.0
10
100
50%
Fig.6 Directive Radiation
75%
-30
°
50%
0
25%
25%
100%
75%
60
°
0
°
30
°
-60
°
-90
°
90
°


Similar Part No. - LRGB9553-SB-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB9553-S17-TR1 LIGITEK-LRGB9553-S17-TR1 Datasheet
155Kb / 10P
   SURFACE MOUNT LED TAPE AND REEL
LRGB9553-S18-TR1 LIGITEK-LRGB9553-S18-TR1 Datasheet
198Kb / 10P
   SURFACE MOUNT LED TAPE AND REEL
LRGB9553-S2-TR1 LIGITEK-LRGB9553-S2-TR1 Datasheet
207Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
LRGB9553-S25-TR1 LIGITEK-LRGB9553-S25-TR1 Datasheet
373Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LRGB9553-S27-J LIGITEK-LRGB9553-S27-J Datasheet
355Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LRGB9553-SB-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com