Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB-1212D2 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BB-1212D2
Description  1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BB-1212D2 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BB-1212D2 Datasheet HTML 1Page - Bothhand USA, LP. BB-1212D2 Datasheet HTML 2Page - Bothhand USA, LP. BB-1212D2 Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BB Series
1 to 2 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
1.0 W Single output Series
BB-123R3S
3.3
300
3
115
50
± 0.5
72
BB-1205S
5.0
200
3
114
50
± 0.5
73
BB-1212S
9 ~ 18
12.0
100
3
135
100
± 0.5
74
BB-2405S
5.0
200
3
57
50
± 0.5
73
BB-2412S
12.0
100
3
68
100
± 0.5
73
BB-2415S
18 ~ 36
15.0
80
3
67
120
± 0.5
75
2.0 W Single output Series
BB-1205S2
5.0
400
4
222
50
± 0.5
75
BB-1215S2
9 ~ 18
15.0
134
4
209
120
± 0.5
80
BB-2405S2
5.0
400
4
113
50
± 0.5
74
BB-2412S2
12.0
167
4
107
100
± 0.5
78
BB-2415S2
15.0
134
4
105
120
± 0.5
80
BB-2418S2
18 ~ 36
18.0
400
4
111
150
± 0.5
75
BB-xxxxSx
Notes:
1.
BB-xxxxSx is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
3.
Suffix “H” for 3K Vdc Isolation. ( BB-xxxxSxH )
Mechanical
Dimension
Dimension
Dimension
Dimension
Pin
1K Vdc - Single
Pin
1
16
2
-Vin
+Vin
15
3
14
4
13
5
---
---
12
6
NC
Vo (-)
11
7
---
---
10
8
NC
Vo (+)
9
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( .xx ± 0.01 )


Similar Part No. - BB-1212D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BB-1212S(H)LF BOTHHAND-BB-1212S(H)LF Datasheet
143Kb / 2P
   1~2W Isolated DC/DC Converter
More results

Similar Description - BB-1212D2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B1-0505DS BOTHHAND-B1-0505DS Datasheet
450Kb / 6P
   1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BA-053R3D BOTHHAND-BA-053R3D Datasheet
318Kb / 4P
   0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
2A-NXT MICRODC-2A-NXT Datasheet
674Kb / 4P
   2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
logo
Bothhand USA, LP.
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com