Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA-1212D01 Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # BA-1212D01
Description  0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-1212D01 Datasheet(HTML) 3 Page - Bothhand USA, LP.

  BA-1212D01 Datasheet HTML 1Page - Bothhand USA, LP. BA-1212D01 Datasheet HTML 2Page - Bothhand USA, LP. BA-1212D01 Datasheet HTML 3Page - Bothhand USA, LP. BA-1212D01 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA - DIL Series
0.5 to 1 Watt Isolated DC-DC Converter
Single / Dual / Dual Separate Output
BOTHHAND USA. http://www.bothhand.com
5. Dual Output Selection Guide:
5.1. 1K Vdc Isolation – 1.0 W Dual Output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
BA-0505DD1
± 5.0
± 100
30
263
70
± 10
76
BA-0512DD1
± 12.0
± 42
30
253
100
± 8
79
BA-0515DD1
5
± 15.0
± 34
30
255
120
± 8
80
BA-1205DD1
± 5.0
± 100
18
104
70
± 8
80
BA-1212DD1
12
± 12.0
± 42
18
104
100
± 8
80
BA-2405DD1
± 5.0
± 100
5
55
70
± 8
76
BA-2412DD1
± 12.0
± 42
4
55
100
± 8
76
BA-2415DD1
24
± 15.0
± 34
4
55
120
± 8
76
BA-xxxxDD1
Notes:
1.
Standard output voltage is ±5V, ±9V, ±12V, ±15V,
BA-xxxxDD1 is for Customer Design.
2.
Load regulation is for Each output current change from 20 % to 100 % Max. Load.
Mechanical
Dimension
Dimension
Dimension
Dimension:
Pin
1K Vdc - Dual
Pin
1
-Vin
Vo (-)
8
2
Common
7
3
---
---
6
4
+Vin
Vo (+)
5
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - BA-1212D01

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-1212D1HLF BOTHHAND-BA-1212D1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-1212D1HLF BOTHHAND-BA-1212D1HLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-1212D1LF BOTHHAND-BA-1212D1LF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-1212D2LF BOTHHAND-BA-1212D2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-1212D2LF BOTHHAND-BA-1212D2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

Similar Description - BA-1212D01

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B1-0505DS BOTHHAND-B1-0505DS Datasheet
450Kb / 6P
   1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
logo
GAPTEC Electronic GmbH ...
1S7AE GAPTEC-1S7AE Datasheet
625Kb / 3P
   1W - Dual separate Output DC-DC Converter - Isolated & Unregulated
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
B7-123R3S10 BOTHHAND-B7-123R3S10 Datasheet
319Kb / 3P
   10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com