Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TD62001P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TD62001P
Description  7CH DARLINGTON SINK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 3 page
background image
TD62001~004P/AP/F/AF
2001-06-27
3
RECOMMENDED OPERATING CONDITIONS
(Ta = −40~85°C and Ta = −30~75°C for only Type−P)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
P, F
0
35
Output Sustaining
Voltage
AP, AF
VCE (SUS)
0
50
V
Duty = 10%
0
370
AP
Duty = 50%
0
130
Duty = 10%
0
295
P
Duty = 50%
0
95
Duty = 10%
0
233
Output Current
F, AF
IOUT
Tpw = 25 ms
7 Circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
70
mA /
ch
Input Voltage
Except
TD62001P /
AP / F / AF
VIN
0
24
V
TD62002
14.5
24
TD62003
2.8
24
Input Voltage
(Output On)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
24
V
TD62001
0
0.6
TD62002
0
7.4
TD62003
0
0.7
Input Voltage
(Output Off)
TD62004
VIN (OFF)
0
1.0
V
Input Current
Only TD62001
IIN
0
10
mA
P, F
35
Clamp Diode Reverse
Voltage
AP, AF
VR
50
V
Clamp Diode Forward Current
IF
350
mA
P
0.6
AP
Ta = 85°C
0.76
Power Dissipation
AF, F
PD
Ta = 85°C
(Note)
0.325
W
Note:
On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62001P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003FB7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
ULN2003AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62007P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62008AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62101P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304305P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl