Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TD62001P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TD62001P
Description  7CH DARLINGTON SINK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 2 page
background image
TD62001~004P/AP/F/AF
2001-06-27
2
SCHEMATICS (EACH DRIVER)
TD62001P / AP / F / AF
TD62002P / AP / F / AF
TD62003P / AP / F / AF
TD62004P / AP / F / AF
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
P, F
−0.5~35
Output Sustaining
Voltage
AP, AF
VCE (SUS)
−0.5~50
V
Output Current
IOUT
500
mA / ch
Input Voltage
VIN (Note 1)
−0.5~30
V
Input Current
IIN (Note 2)
25
mA
P, F
35
Clamp Diode
Reverse Voltage
AP, AF
VR
50
V
Clamp Diode Forward Current
IF
500
mA
P
1.0
AP
1.47
Power Dissipation
F, AF
PD
0.54 / 0.625
(Note 3)
W
P
−30~75
Operating
Temperature
AP, F, AF
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: Except TD62001P / AP / F / AF
Note 2: Only TD62001P / AP / F / AF
Note 3: On glass epoxy PCB (30 × 30 × 1.6 mm Cu 50%)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TD62001P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003FB7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
ULN2003AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62003PA7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62007P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62008AP7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62101P7CH DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304305P7CH LOW ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor
TD62304AFN7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl