Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU1S516 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU1S516
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU1S516 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU1S516 Datasheet HTML 1Page - Bothhand USA, LP. LU1S516 Datasheet HTML 2Page - Bothhand USA, LP. LU1S516 Datasheet HTML 3Page - Bothhand USA, LP. LU1S516 Datasheet HTML 4Page - Bothhand USA, LP. LU1S516 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA.
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
10/100 BASE-TX MAGNETICS
Bothhand USA. e-mail: sales@bothhand.com http://www.bothhandusa.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
RJ-45 connector integrated with X’FMR/impedance.
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space.
Reduce EMI radiation, improve EMI performance.
Design for 100 BASE transmission over UTP-5 cable.
Operating temperature range
: 0℃to +70℃
Storage temperature range
: -40℃to +125℃
Electrical specifications @ 25℃
LU1SXXX
LU1SJ11
OCL(100KHz, 0.1Vrms with 8mA/DC Bias) : 350 uH Min.
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Differential to Common
Mode Rejection
(dB Min)
CMRR
(dB Min)
0.3-60MHz 60-100MHz
Part
Number
0.3-10 MHz 30MHz 40MHz 50MHz 60MHz 80MHz
Rise Time
(10-90%)
nS Typ
0.3-100MHz
TX
RX
TX
RX
LU1S041
-1.15
-16
-14
-13.5
-13
-10
2.5
-30
-
LU1S041A
-1.15
-16
-14
-13.5
-13
-10
-
-
-45
-40
-40
-35
LU1S041B
-1.15
-16
-14
-13.5
-13
-10
-
-
-45
-40
-40
-35
LU1S041C
-1.15
-16
-14
-13.5
-13
-10
-
-
-45
-40
-40
-35
LU1S516
-1.15
-16
-14
-13.5
-13
-10
2.5
-30
-
LU1S516A
-1.15
-16
-14
-13.5
-13
-10
2.5
-
-
30-50MHz 100MHz
LU1S516B
-1.1
-20Typ
-
-
-14
-11.5Ty
p
-
-37 dB Typ -30 dB Typ
-
LU1S516E
-1.15
-16
-14
-13.5
-13
-10
-
-30
-
LU1S516G
-1.15
-16
-14
-13.5
-13
-12
2.5
-30
-
LU1S516-S
-1.15
-16
-14
-13.5
-13
-10
2.5
-30
-
0.3-60MHz
60-100MHz
LU1SJ11
-1.1
-14
-10
2.5
-30
-
Turns Ratio
(±5%)
L.L
(uH Max)
Cross Talk
(dB Min)
Number
TX
RX
CW/W
(pF Max)
TX
RX
HI-POT
(Vrms)
0.3-60MHz
0.3-80MHz
60-100MHz
LU1S041
1CT:1CT
28
0.5
1500
-
-35
LU1S041A
1CT:1CT
28
0.5
1500
-40
-
-38
LU1S041B
1CT:1CT
28
0.3
1500
-40
-
-38
LU1S041C
1CT:1CT
28
0.4
1500
-40
-
-38
LU1S516
1CT:1
1CT:1CT
28
0.4
1500
-
-35
-
30MHz
50MHz
100MHz
LU1S516A
1CT:1
1CT:1CT
28
0.4
1500
-55
-45
-35
0.3-30MHz
60-100MHz
LU1S516B
1CT:1
1CT:1CT
-
-
1500
-45
-35
LU1S516E
1CT:1CT
-
-
1500
-35
LU1S516G
1CT:1
1CT:1CT
28
0.4
1500
-
-35
-
LU1S516-S
1CT:1
1CT:1CT
28
0.4
1500
-
-35
-
LU1SJ11
1CT:1CT
28
0.5
1500
-
-35
-


Similar Part No. - LU1S516

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
779Kb / 5P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516- BOTHHAND-LU1S516- Datasheet
779Kb / 5P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516-S BOTHHAND-LU1S516-S Datasheet
779Kb / 5P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516-XXLF BOTHHAND-LU1S516-XXLF Datasheet
112Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results

Similar Description - LU1S516

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PU1T041FN1 BOTHHAND-PU1T041FN1 Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516E1 BOTHHAND-LU1S516E1 Datasheet
99Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041H BOTHHAND-LU1T041H Datasheet
107Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com