Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK-0332-30 Datasheet(PDF) 1 Page - JMK Inc.

Part # KK-0332-30
Description  Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

KK-0332-30 Datasheet(HTML) 1 Page - JMK Inc.

  KK-0332-30 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KK-0332-30
USA
JMK Inc 15 Caldwell Dr. Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 FX: 44-(0) 141 589 1884
JMK Inc.
The KK-0332-30 filter has a “PI” common mode
configuration and an “L” differential configuration.
This is an economical filter for power supplies and
systems with requirements such as EN55022 or FCC in
an industrial environment.
The inductor in the ground line is very useful for
breaking up high frequency ground loops where
systems are interconnected through data lines,
monitoring equipment etc.
These ground loops can cause difficulties with both con-
ducted and radiated emissions.
This filter will also function in 400 Hz systems.
Operating Voltage= 250/440 Vac
Operating Current Max= 30 amp/Ph
Operating Frequency= 50—60 Hz
Operating Voltage= 115/250 Vac, 50—400 Hz
Temperature Range= -20 to 50 deg. C
Diel. Withstand (Line to Case)= 1500V~ for 1 Min
Diel. Withstand (Line to Line)= 1500Vdc for 1 min
Leakage Current = 2.0 mA @ 250 VAC, 60Hz
Discharge after 5.0 sec.= 34V Max
Agency Approvals = UL
Order part number KK-0332-30


Similar Part No. - KK-0332-30

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-0283-20M JMK-KK-0283-20M Datasheet
224Kb / 1P
   The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
KK-0283-30M JMK-KK-0283-30M Datasheet
224Kb / 1P
   The 283 filter is a compact, single phase, high current device with very good common mode and differential mode insertion loss.
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
KK-0851-1525 JMK-KK-0851-1525 Datasheet
128Kb / 1P
   KK-0851-1525
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
More results

Similar Description - KK-0332-30

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-0902-20-30 JMK-KK-0902-20-30 Datasheet
43Kb / 1P
   Operating Voltage = 250/480 Vac 3 PH Wye Operating Current Max= 20 & 30 amps
1306 JMK-1306 Datasheet
74Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20, 30 Amp
KF-0699C-20 JMK-KF-0699C-20 Datasheet
44Kb / 1P
   Operating Voltage = 250/480 Vac 3 PH Delta Operating Current Max= 20 amps
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
AA-0221-20 JMK-AA-0221-20 Datasheet
255Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
LL-0221-30 JMK-LL-0221-30 Datasheet
60Kb / 1P
   Operating Voltage = 115-250 Vac Operating Current = 30 Amperes
FF-1319-13 JMK-FF-1319-13 Datasheet
39Kb / 1P
   Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
FF-1319-13C JMK-FF-1319-13C Datasheet
33Kb / 1P
   Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
LL-1319-13M JMK-LL-1319-13M Datasheet
109Kb / 2P
   Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
1174 JMK-1174 Datasheet
52Kb / 1P
   Operating Voltage = 115/250 Vac Operating Current Max= 10 amps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com