Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210M680KRR Datasheet(PDF) 5 Page - Ceramate Technical

Part # 1210M680KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

1210M680KRR Datasheet(HTML) 5 Page - Ceramate Technical

  1210M680KRR Datasheet HTML 1Page - Ceramate Technical 1210M680KRR Datasheet HTML 2Page - Ceramate Technical 1210M680KRR Datasheet HTML 3Page - Ceramate Technical 1210M680KRR Datasheet HTML 4Page - Ceramate Technical 1210M680KRR Datasheet HTML 5Page - Ceramate Technical 1210M680KRR Datasheet HTML 6Page - Ceramate Technical 1210M680KRR Datasheet HTML 7Page - Ceramate Technical 1210M680KRR Datasheet HTML 8Page - Ceramate Technical 1210M680KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPE
SMV1210M
□□□KRR MODEL
PAGE
5/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Soldering
REV.
C01
5. SOLDERING RECOMMENDATIONS
5.1 Recommended solder pad layout
A
B
C
D
1.8~2.5
4.2~5.2
2.2~3.0
1.3~2.0
Unit:mm)
5.2 The SIR test of the solder paste shall be done(Based on JIS-Z-3284)
5.3 Steel plate and foot distance printing
Foot distance printing (mm)
Steel Plate thickness (mm)
> 0.65mm
0.18mm
0.65mm~0.5mm
0.15mm
0.50mm~0.40mm
0.12mm
<=0.40 mm
0.10mm
5.4 IR Soldering
Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and
gradual cooling process is suggested. IR soldering has the highest yields due to controlled heating rates and
solder liquids times. Make sure that the element is not 2.4 The IR reflow and temperature of Soldering for Pb
Free subjected to a thermal gradient steeper than 4 degrees per second. 2 degrees per second is the ideal
gradient. During the soldering process, pre- heating to within 100 degrees of the solders peak temperature is
essential to minimize thermal shock.


Similar Part No. - 1210M680KRR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
logo
Kemet Corporation
1210 KEMET-1210 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Tyco Electronics
1210 MACOM-1210 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Bourns Electronic Solut...
1210 BOURNS-1210 Datasheet
439Kb / 3P
   1210 Series Heavy Duty AC Surge Protective Device
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
   PC Board Mountable Pressure Sensor
More results

Similar Description - 1210M680KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com