Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1812A Datasheet(PDF) 3 Page - Ceramate Technical

Part # SMV1812A
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

SMV1812A Datasheet(HTML) 3 Page - Ceramate Technical

  SMV1812A Datasheet HTML 1Page - Ceramate Technical SMV1812A Datasheet HTML 2Page - Ceramate Technical SMV1812A Datasheet HTML 3Page - Ceramate Technical SMV1812A Datasheet HTML 4Page - Ceramate Technical SMV1812A Datasheet HTML 5Page - Ceramate Technical SMV1812A Datasheet HTML 6Page - Ceramate Technical SMV1812A Datasheet HTML 7Page - Ceramate Technical SMV1812A Datasheet HTML 8Page - Ceramate Technical SMV1812A Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPE
SMV1812A
□□□KRR MODEL
PAGE
3/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Electrical Characteristics
REV.
C01
Table 2.1 Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Max.
Clamping
Voltage
Withstanding
Surge Current Energy Capacitance
Symbol
AC
DC
V(1mA)
V(
2)
A(
3)
J
PF(
1)
(kHz)
1812A240KRR
14
18
24( 21.6~26.4 )
38
800
2.3
3500
1812A390KRR
25
30
39 (35.1~42.9 )
65
800
3.7
2350
1812A470KRR
30
38
47(42.3~51.7 )
77
800
4.2
1600
1812A560KRR
35
45
56( 50.4~61.6 )
90
800
4.2
1200


Similar Part No. - SMV1812A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV1812M CERAMATE-SMV1812M Datasheet
250Kb / 9P
   Zinc Oxide
More results

Similar Description - SMV1812A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com