Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603M330KRR Datasheet(PDF) 7 Page - Ceramate Technical

Part # 0603M330KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0603M330KRR Datasheet(HTML) 7 Page - Ceramate Technical

  0603M330KRR Datasheet HTML 1Page - Ceramate Technical 0603M330KRR Datasheet HTML 2Page - Ceramate Technical 0603M330KRR Datasheet HTML 3Page - Ceramate Technical 0603M330KRR Datasheet HTML 4Page - Ceramate Technical 0603M330KRR Datasheet HTML 5Page - Ceramate Technical 0603M330KRR Datasheet HTML 6Page - Ceramate Technical 0603M330KRR Datasheet HTML 7Page - Ceramate Technical 0603M330KRR Datasheet HTML 8Page - Ceramate Technical 0603M330KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TYPE
SMV0603M
□□□KRR MODEL
PAGE
7/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Soldering
REV.
C01
3)Soldering Iron
Rated Power of 20w max with 3mm soldering tip in diameter.
Temperature of soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be melted
in advance on the soldering tip.)
4)Cooling
After soldering. The Varistors shall be cooled gradually at room ambient temperature.
5.6.2 Recommended Soldering Condition 2(Without preheating)
1)Solder iron tip shall not directly touch to ceramic dielectrics.
2)Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external
electrode of Varistors.
5.7 Post Soldering Cleaning
5.7.1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly have influences on the
electrical characteristic and the reliability (such as humidity resistance)of the Varistors which have been
mounted on the board. It shall be confirmed that the characteristic and the reliability of the devices are not
affected by the applied cleaning conditions.
5.7.2. When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards. Following conditions are
recommended for preventing failures or damages of the devices due to the large vibration energy and the
resonance caused by the ultrasonic waves.
1)Frequency 29MHz max
2)Radiated Power 20w/lithr max
3)Period 5minuets max


Similar Part No. - 0603M330KRR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603ME COILCRAFT-0603ME Datasheet
90Kb / 2P
   Chip Inductors
0603ME-10NXJL COILCRAFT-0603ME-10NXJL Datasheet
90Kb / 2P
   Chip Inductors
0603ME-11NXJL COILCRAFT-0603ME-11NXJL Datasheet
90Kb / 2P
   Chip Inductors
0603ME-12NXJL COILCRAFT-0603ME-12NXJL Datasheet
90Kb / 2P
   Chip Inductors
0603ME-13NXJL COILCRAFT-0603ME-13NXJL Datasheet
90Kb / 2P
   Chip Inductors
More results

Similar Description - 0603M330KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com