Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402E120100NRR Datasheet(PDF) 2 Page - Ceramate Technical

Part # 0402E120100NRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0402E120100NRR Datasheet(HTML) 2 Page - Ceramate Technical

  0402E120100NRR Datasheet HTML 1Page - Ceramate Technical 0402E120100NRR Datasheet HTML 2Page - Ceramate Technical 0402E120100NRR Datasheet HTML 3Page - Ceramate Technical 0402E120100NRR Datasheet HTML 4Page - Ceramate Technical 0402E120100NRR Datasheet HTML 5Page - Ceramate Technical 0402E120100NRR Datasheet HTML 6Page - Ceramate Technical 0402E120100NRR Datasheet HTML 7Page - Ceramate Technical 0402E120100NRR Datasheet HTML 8Page - Ceramate Technical 0402E120100NRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TYPE
SMV0402E
□□□□□□□□RR MODEL
PAGE
2/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Electrical Characteristics
REV.
C01
2. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
2.0
Standard
Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5~35°C
Relative humidity:
45~85 % RH
2.1
Maximum
Allowable Voltage
AC : *(1) Vrms
DC : *(1) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
2.2
Varistor Voltage
V0.1mA : *(1) V Voltage across the varistor measured at CmA DC.
2.3
Varistor Voltage
Temperature
Coefficient
0 ~
−0.05 %/°C
2.4
Max. Clamping
Voltage
*(1) V at 1 A
Peak voltage across the varistor with a specified
peak impulse current of 8x20
μs waveform.
2.5
ESD Trigger
Voltage (VT)
<
*(1)V
2.6
Response time
Trise
< 1 nS
ILDC
<*(1)
μΑ
at V1mA×80%
2.7
Leakage current
I
LDCA <*(1)μA
at V1mA×80% (After ESD Test)
2.8
Capacitance
*(1) pF.
Capacitance shall be measured at 1 MHz,1 Vrms
max. 0V bias and 20±2℃
*(1) See table 2.1 Electrical Characteristics


Similar Part No. - 0402E120100NRR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
0402ESDA-09 LEIDITECH-0402ESDA-09 Datasheet
765Kb / 5P
   Varistor voltage In = 1 mA DC
0402ESDA-24 LEIDITECH-0402ESDA-24 Datasheet
637Kb / 5P
   Electrical 0402ESDA-24
logo
Eaton All Rights Reserv...
0402ESDA-AEC EATON-0402ESDA-AEC Datasheet
300Kb / 5P
   Automotive grade ESD suppressor
0402ESDA-MLP EATON-0402ESDA-MLP Datasheet
425Kb / 5P
   ESD suppressor
logo
Cooper Bussmann, Inc.
0402ESDA-MLP1 COOPER-0402ESDA-MLP1 Datasheet
357Kb / 2P
   MLP1 ESD Suppressor PolySurg??0402ESDA-MLP1
More results

Similar Description - 0402E120100NRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com