Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805M080KRR Datasheet(PDF) 6 Page - Ceramate Technical

Part # 0805M080KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0805M080KRR Datasheet(HTML) 6 Page - Ceramate Technical

  0805M080KRR Datasheet HTML 1Page - Ceramate Technical 0805M080KRR Datasheet HTML 2Page - Ceramate Technical 0805M080KRR Datasheet HTML 3Page - Ceramate Technical 0805M080KRR Datasheet HTML 4Page - Ceramate Technical 0805M080KRR Datasheet HTML 5Page - Ceramate Technical 0805M080KRR Datasheet HTML 6Page - Ceramate Technical 0805M080KRR Datasheet HTML 7Page - Ceramate Technical 0805M080KRR Datasheet HTML 8Page - Ceramate Technical 0805M080KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPE
SMV0805M
□□□KRR MODEL
PAGE
6/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Soldering
REV.
C01
IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150μm
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217 ℃ 60-150 seconds
(5) Peak temperature range 245℃ +20℃/ -10 ℃ time within 5 ℃of actually peak temperature (tp) 10~20
seconds
(6) Ramp down rate +6 ℃/second max.
Perform adequate test in advance as the reflow temperature profile will vary according to the conditions of the
manufacturing process, and the specification of the reflow furnace.
5.5 Resistance to soldering heat-High Temperature Resistance:260℃,10sec-3times.
5.6 Hand Soldering
In hand soldering of the Varistors. Large temperature gradient between preheated the Varistors and the tip of
soldering iron may cause electrical failures and mechanical damages such as crackings or breakings of the
devices. The soldering shall be carefully controlled and carried out so that the temperature gradient is kept
minimum with following recommended conditions for hand soldering.
5.6.1 Recommended Soldering Condition 1
1) Solder :
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core. Rosin-based and
non-activated flux is recommended.
2) Preheating
The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of
soldering iron is 150℃ or below.


Similar Part No. - 0805M080KRR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
0805MR-0724M YAGEO-0805MR-0724M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
0805MR-1024M YAGEO-0805MR-1024M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
0805MR-1324M YAGEO-0805MR-1324M Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
More results

Similar Description - 0805M080KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com