Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402M270KRR Datasheet(PDF) 3 Page - Ceramate Technical

Part # 0402M270KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

0402M270KRR Datasheet(HTML) 3 Page - Ceramate Technical

  0402M270KRR Datasheet HTML 1Page - Ceramate Technical 0402M270KRR Datasheet HTML 2Page - Ceramate Technical 0402M270KRR Datasheet HTML 3Page - Ceramate Technical 0402M270KRR Datasheet HTML 4Page - Ceramate Technical 0402M270KRR Datasheet HTML 5Page - Ceramate Technical 0402M270KRR Datasheet HTML 6Page - Ceramate Technical 0402M270KRR Datasheet HTML 7Page - Ceramate Technical 0402M270KRR Datasheet HTML 8Page - Ceramate Technical 0402M270KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPE
SMV0402M
□□□KRR MODEL
PAGE
3/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Electrical Characteristics
REV.
C01
Table 2.1 Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Max.
Clamping
Voltage
Withstanding
Surge Current Energy Capacitance
Symbol
AC
DC
V(1mA)
V(
2)
A(
3)
J
PF(
1)
(kHz)
0402M080KRR
4
5.5
8( 7.5~10.5 )
20
20
0.05
160
0402M120KRR
6
9
12( 10.2~13.8 )
20
20
0.05
110
0402M150KRR
8
11
15( 12.75~17.25 )
25
20
> 0.05
75
0402M180KRR
11
14
18( 15.3~20.7 )
35
20
> 0.05
50
0402M220KRR
12
16.5
22( 20~24 )
40
15
> 0.05
75
0402M240KRR
12
18
24( 21.6~27 )
40
15
> 0.05
45
0402M270KRR
17
22
27( 24.3~29.7 )
45
20
> 0.05
75
0402M330KRR
20
26
33( 29.7~36.3 )
54
20
> 0.05
54
0402M390KRR
25
30
39( 35.1~42.9 )
65
20
> 0.05
45


Similar Part No. - 0402M270KRR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
0402MCX7R5BB333 YAGEO-0402MCX7R5BB333 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
0402MCX7R6BB333 YAGEO-0402MCX7R6BB333 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Coilcraft lnc.
0402ME COILCRAFT-0402ME Datasheet
96Kb / 2P
   Chip Inductors
0402ME-10NXGL_ COILCRAFT-0402ME-10NXGL_ Datasheet
96Kb / 2P
   Chip Inductors
0402ME-12NXGL_ COILCRAFT-0402ME-12NXGL_ Datasheet
96Kb / 2P
   Chip Inductors
More results

Similar Description - 0402M270KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com