Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL195W05 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KL195W05
Description  SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KL195W05 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KL195W05 Datasheet HTML 1Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 2Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 3Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 4Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 5Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 6Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 7Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 8Page - COSMO  Electronics Corporation KL195W05 Datasheet HTML 9Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT
SPECIFICATION
DATE: 08/12/2008
cosmo
ELECTRONICS CORPORATION
SMD LED :
KL195W05
NO. 61L04005
REV.
1
SHEET 2 OF 9
Absolute Maximum Ratings
At Ta = 25˚C
Parameter
KL-195W05
Unit
Power Dissipation
B
R
mW
80
72
Peak Forward Current
100
mA
(1/10 Duty Cycle, 0.1ms Pulse Width)
Forward Current
30
mA
Reverse Voltage
5
V
Operating Temperature Range
-25˚C ~+ 80˚C
Storage Temperature Range
-30˚C ~+ 85˚C
Wave Soldering Condition
240˚C For 10 Seconds


Similar Part No. - KL195W05

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL195W01 COSMO-KL195W01 Datasheet
222Kb / 9P
   Etremely Wde viewing angle; ideal for backlighting and Coupling light guides
KL195W02 COSMO-KL195W02 Datasheet
224Kb / 9P
   SMD LED
KL195W03 COSMO-KL195W03 Datasheet
224Kb / 9P
   SMD LED
KL195W04 COSMO-KL195W04 Datasheet
225Kb / 9P
   SMD LED
KL195W06 COSMO-KL195W06 Datasheet
225Kb / 9P
   SMD LED
More results

Similar Description - KL195W05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com