Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD8821-2DHRFVG-XX Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LMD8821-2DHRFVG-XX
Description  DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8821-2DHRFVG-XX Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LMD8821-2DHRFVG-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8821-2DHRFVG-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LMD8821/2DHRFVG-XX
LIGITEK
60.1(2.37")
7.62X7=53.34(2.1")
2.54X11=27.97
(1.1")
ψ0.51
TYP
7.62X7
=53.34
(2.1")
LMD8821/2DHRFVG-XX
60.1
(2.37")
5.4
±0.5
45.8
(1.803")
ψ5.0(0.197")
8.9
(0.35")
Page 1/9


Similar Part No. - LMD8821-2DHRFVG-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8821-2DHRF9UG-XX-PF LIGITEK-LMD8821-2DHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY
More results

Similar Description - LMD8821-2DHRFVG-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8821-2HURHURH-XX-PF LIGITEK-LMD8821-2HURHURH-XX-PF Datasheet
211Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5821-2ASR-XX LIGITEK-LMD5821-2ASR-XX Datasheet
182Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HURUG-XX-PF LIGITEK-LMD8821-2HURUG-XX-PF Datasheet
222Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HEGR-XX-PF LIGITEK-LMD8821-2HEGR-XX-PF Datasheet
199Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5821-2AY-XX LIGITEK-LMD5821-2AY-XX Datasheet
182Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5821-2BEGR-XX LIGITEK-LMD5821-2BEGR-XX Datasheet
184Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2BEGR-XX LIGITEK-LMD8821-2BEGR-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2BEG-XX LIGITEK-LMD8821-2BEG-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HHRF9UG-XX-PF LIGITEK-LMD8821-2HHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
logo
China Semiconductor Cor...
CSM-88261EG CHINASEMI-CSM-88261EG Datasheet
270Kb / 7P
   2.3Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com