Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF1S022-43 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LF1S022-43
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LF1S022-43 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LF1S022-43 Datasheet HTML 1Page - Bothhand USA, LP. LF1S022-43 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA
email:sales@bothhandusa.com
http://www.bothhandusa.com
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
P/N : LF1S022-43
Page : 1/2
A0(/0102)
Feature
!
RJ-45 connector integrated with filter.
!
Size same as RJ-45 connector to save PCB Board space.
!
Reduce EMI radiation, improve EMI performance.
!
Operating temperature range: 0℃to +70℃.
!
Storage temperature range: -40℃to +85℃.
!
Recommended panel
.with a forward current of 20mA
Standard LED
Forward*V(Max)
Typ
Yellow
2.5V
2.1V
Green
2.5V
2.2V
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Type
(POLE)
Part
Number
TX
RX
TX
RX
CUT OFF Frequency
(TX/RX)
Voltage isolation
(Vrms)
LF1S022-43
1CT:1CT
1CT:1CT
7
5
17 MHz±1 MHz
1200
Continue
Insertion Loss
TX/RX(dB Max.)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Max)
Cross talk
Attenuation
TX/RX(dB Min)
Common Mode
Rejection
TX/RX (dB Min)
Part
Number
1–10MHz
5-10MHz
20MHz 25MHz 30MHz 40MHz
1-10MHz
30-100MHz
LF1S022-43
-1.0
-13.5
-5/-4.2 -18/-11 -28/-16 -33/-26
-30/-30
-30/-30
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - LF1S022-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LF1S022-34 BOTHHAND-LF1S022-34 Datasheet
251Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER AND LEDS
LF1S022-LF BOTHHAND-LF1S022-LF Datasheet
144Kb / 2P
   RJ-45 connector integrated with filter
More results

Similar Description - LF1S022-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LF1S021 BOTHHAND-LF1S021 Datasheet
236Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LF1S028 BOTHHAND-LF1S028 Datasheet
214Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LF1S028LF BOTHHAND-LF1S028LF Datasheet
175Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS & FILTER
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023B BOTHHAND-LT1S023B Datasheet
75Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S001 BOTHHAND-LT1S001 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S104A BOTHHAND-LT1S104A Datasheet
111Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com