Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4T109 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LA4T109
Description  1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LA4T109 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LA4T109 Datasheet HTML 1Page - Bothhand USA, LP. LA4T109 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bothhand USA.
e-mail: sales@bothhandusa.com
http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
P/N:LA4T109 “LAN-MATE” SERIES
Page : 1/2
A0(02/05)
Feature
!
Isolation @ 60Hz : Input to output:1500Vrms.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Part
Number
TX
RX
Primary inductance
(uH Min) @ 100KHz/0.1Vrms with 8mA DC Bias
Voltage isolation
(Vrms)
LA4T109
1CT:1CT
1CT:1CT
350
1500
Continue
Insertion Loss
(dB Max.)
Return Loss
(dB Max) @ Load 100Ω
Cross talk
(dB Min.)
CMRR
(dB Min)
Part
Number
1–100MHz
1-30MHz 30-40MHz 40-50MHz 50-80MHz 1-30MHz 30-60MHz 60-100MHz
1-100MHz
LA4T109
-1.0
-16
-13.5
-11.5
-10
-40
-38
-33
-30
Schematic
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - LA4T109

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LA4T109-XX BOTHHAND-LA4T109-XX Datasheet
168Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS & LEDS
More results

Similar Description - LA4T109

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LA4S109LF BOTHHAND-LA4S109LF Datasheet
189Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA4S109-XX BOTHHAND-LA4S109-XX Datasheet
167Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS & 2LEDS
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
LA4T109-XX BOTHHAND-LA4T109-XX Datasheet
168Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS & LEDS
LA4T110-43 BOTHHAND-LA4T110-43 Datasheet
114Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE -T MAGNETICS AND LEDS
LF4S022 BOTHHAND-LF4S022 Datasheet
126Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS & FILTER
LA1S109-LF BOTHHAND-LA1S109-LF Datasheet
174Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S110EXLF BOTHHAND-LA1S110EXLF Datasheet
101Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1S110LF BOTHHAND-LA1S110LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
LA1E109-2-4D1LF BOTHHAND-LA1E109-2-4D1LF Datasheet
189Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com