Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL-10223W-132A Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL-10223W-132A
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-10223W-132A Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL-10223W-132A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 9Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 10Page - Lite-On Technology Corporation LTL-10223W-132A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment,
communication equipment and household applications).Consult Liteon’s Sales in
advance for information on applications in which exceptional reliability is required, particularly when
the failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation,
transportation, traffic control equipment, medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are used within three months.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in
a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens.
Do not use the base of the leadframe as a fulcrum during forming.
Lead forming must be done before soldering, at normal temperature.
During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering , For Lamp without stopper type and must be leave a minimum of 3 mm clearance
from the base of the lens to the soldering point. To avoided the Epoxy climb up on lead frame and
was impact to non-soldering problem , Dipping the lens into the solder must be avoided.
Do not apply any external stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering conditions :
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
5 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or
catastrophic failure of the LED. IR reflow is not suitable process for through hole type LED lamp
product.
Part No. : LTL-10223W-132A
Page :
8
of
11
BNS-OD-C131/A4


Similar Part No. - LTL-10223W-132A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-10223W LITEON-LTL-10223W Datasheet
430Kb / 7P
   Through Hole Lamp
LTL-10223WH91 LITEON-LTL-10223WH91 Datasheet
430Kb / 7P
   Through Hole Lamp
LTL-10223WP LITEON-LTL-10223WP Datasheet
190Kb / 4P
   Property of Lite-On Only
More results

Similar Description - LTL-10223W-132A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com