Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7-xxxxDxx Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B7-xxxxDxx
Description  10 to 15 Watt Isolated DC-DC Converter Single / Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B7-xxxxDxx Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B7-xxxxDxx Datasheet HTML 1Page - Bothhand USA, LP. B7-xxxxDxx Datasheet HTML 2Page - Bothhand USA, LP. B7-xxxxDxx Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B7 Series
10 to 15 Watt Isolated DC-DC Converter
Single / Dual Output
BOTHHAND USA. http://www.bothhand.com
4. Single Output Selection Guide:
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
10 W Single output Series:
B7-123R3S10
3.3
2500
20
870
50
± 0.5
79
B7-1205S10
9 ~ 18
5.0
2000
25
1042
50
± 0.5
80
B7-2405S10
5.0
2000
13
514
50
± 0.5
81
B7-2412S10
18 ~ 36
12.0
800
15
482
100
± 0.5
83
B7-4805S10
36 ~ 72
5.0
2000
7
260
50
± 0.5
80
15 W Single output Series:
B7-1205S15
5.0
3000
22
1582
50
± 0.5
79
B7-1212S15
9 ~ 18
12.0
1250
30
1543
100
± 0.5
81
B7-2405S15
5.0
3000
17
781
50
± 0.5
80
B7-2412S15
18 ~ 36
12.0
1250
20
762
100
± 0.5
82
B7-4805S15
5.0
3000
12
396
50
± 0.5
79
B7-4812S15
36 ~ 72
12.0
1250
15
381
100
± 0.5
82
B7-xxxxSxx
Notes:
1.
Standard output Voltage is 3.3V, 5V, 9V, 12V, 15V,
B7-xxxxSxx is for Customer Design.
2.
Suffix “H” for 3K Vdc Isolation. ( B7-xxxxSxxH )
Mechanical:
:( Single O/P )
+
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - B7-xxxxDxx

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7-1205D10LF BOTHHAND-B7-1205D10LF Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
B7-1205S10LF BOTHHAND-B7-1205S10LF Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
B7-1205S15LF BOTHHAND-B7-1205S15LF Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
B7-1212D15LF BOTHHAND-B7-1212D15LF Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
B7-1212S15LF BOTHHAND-B7-1212S15LF Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
More results

Similar Description - B7-xxxxDxx

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B8-1212T10 BOTHHAND-B8-1212T10 Datasheet
243Kb / 2P
   10 to 15 Watt Isolated DC-DC Converter Triple Output
B7-LF-SERIES BOTHHAND-B7-LF-SERIES Datasheet
818Kb / 8P
   10 To 15 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BB-123R3S BOTHHAND-BB-123R3S Datasheet
261Kb / 3P
   1 to 2 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
F7W-LF-SERIES BOTHHAND-F7W-LF-SERIES Datasheet
762Kb / 6P
   15 Watt Isolated DC-DC Converter
logo
Texas Instruments
SLTS021A TI-SLTS021A Datasheet
173Kb / 3P
[Old version datasheet]   15 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-1V EATON-EPM25-1V Datasheet
1Mb / 9P
   15 Watt isolated DC-DC converter
March 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com